Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 33 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 33 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 29Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 30Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 31Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 32Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 33Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 34Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 35Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 36Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 37Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
MB90470 Series
33
(3) Input Resistance Registers
These registers control pull-up resistance in input mode.
0 : No pull-up resistance in input mode.
1 : Pull-up resistance applied in input mode.
In output mode, the setting has no significance (no pull-up resistance) . The direction registers (DDR) control
switching between input and output modes.
In stop mode (SPL
= 1) pull-up resistance is removed (high impedance) . When an external bus is used, this
function is prohibited and no values should be written to this register.
(4) Output Pin Registers
These registers control open drain operation in output mode.
0 : Operates as standard output port in output mode.
1 : Operates as open drain port in output mode.
In input mode, the setting has no significance (High-Z output) . The direction registers (DDR) control switching
between input and output modes. When an external bus is used, this function is prohibited and no values should
be written to this register.
(5) Analog Input Enable Register
This register controls the port 6 pins as follows.
0 : Port input/output mode.
1 : Analog input mode.
The register value is “1” at reset.
(6) Up-down Timer Input Enable Mode
This register controls the port 3 pins as follows.
0 : Port input mode
1 : Up-down timer input mode.
The register value is “0” at reset.
In the MB90470 series, the pin functions are as follows : UDE0 : P30/AIN0, UDE1 : P31/BIN0, UDE2 : P32/
ZIN0, UDE3 : P33/AIN1, UDE4 : P34/BIN1, UDE5 : P35/ZIN1
RDR0
Default value
Access
Address : 00001CH
00000000
R/W
RDR1
Address : 00001DH
00000000
R/W
76
5
4
3
2
1
0
RD06
RD07
RD05
RD04
RD03
RD02
RD01
RD00
76
5
4
3
2
1
0
RD16
RD17
RD15
RD14
RD13
RD12
RD11
RD10
ODR7
Default value
Access
Address : 00001EH
00000000
R/W
ODR4
Address : 00001BH
00000000
R/W
76
5
4
3
2
1
0
OD75
OD74
OD73
OD72
OD71
OD70
76
5
4
3
2
1
0
OD46
OD47
OD45
OD44
OD43
OD42
OD41
OD40
ADER
Default value
Access
Address : 00001FH
11111111
R/W
76
5
4
3
2
1
0
ADE6
ADE7
ADE5
ADE4
ADE3
ADE2
ADE1
ADE0
UDER
Default value
Access
Address : 00000BH
XX000000
R/W
76
5
4
3
2
1
0
UDE5
UDE4
UDE3
UDE2
UDE1
UDE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com