Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 61 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 61 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 57Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 58Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 59Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 60Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 61Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 62Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 63Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 64Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 65Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
MB90470 Series
61
12. PWC (Pulse Width Count) Timer
The PWC timer is a 16-bit multi-function up-count timer with an input signal pulse width measurement function.
The hardware includes a total of three channels, each with one 16-bit up-count timer, one input pulse divider
and divider ration control register, one measurement input pin, and one 16-bit control register. The following
functions are provided :
Timer functions :
An interrupt can be generated each time a set time interval elapses. A choice of three internal reference clocks
is available.
Pulse width measurement functions :
Measures the time between designated events on an externally input pulse signal. The reference clock is selected
from three internal clock signals.
Measurement modes : 1) H pulse width (
↑ to ↓) /L pulse width (↑ to ↓)
2) Rise period (
↑ to ↑) /fall period (↓ to ↓)
3) Measurement between edges (high or low to low or high)
An 8-bit input divider can divide the input pulse into 22n divisions (n
= 1, 2, 3, 4) and measure the divisions.
An interrupt can be generated when measurement is ended. Both one-time and continuous measurement are
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com