Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 89 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 89 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 85Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 86Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 87Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 88Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 89Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 90Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 91Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 92Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 93Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 118 page
background image
MB90470 Series
89
AC characteristics are determined using the following measurement reference voltage values.
3.6
1.8
2.4
2.5
3.0
3.13
3
1.5
5
12
16
10
Internal clock fCP (MHz)
20
High speed flash model operating range
PLL warranted
operating range
Low voltage flash model operating range
Normal operating range
16
12
20
8
9
4
34
8 10
16
24
20
32
40
Base oscillator clock FC (MHz)
Internal operating clock frequency vs. Supply voltage
Base oscillator frequency vs. Internal operating clock frequency
• PLL warranted operating range
Note : Use it at f
= 16 MHz for MB90474.
When using the high speed flash model at f
= 20 MHz, use supply voltages of 3.13 V to 3.6 V.
For A/D operating frequencies, see the electrical characteristics of the A/D converter module.
Maximum assured operation frequency (fcp) of
µDMA is 16 MHz.
Note : Use PLL circuit when using internal clock at 16 MHz or more. It is recommended to use base
oscillator clock of up to 20 MHz.
0.8 VCC
0.2 VCC
2.4 V
0.8 V
0.7 VCC
0.3 VCC
• Input signal waveform
Hysteresis input pins
Pins other than hysteresis input/MD input pins
• Output signal waveform
Output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com