Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB90F474LPF Datasheet HTML 1Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 2Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 3Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 4Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 5Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 6Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 7Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 8Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
MB90470 Series
4
s PRODUCT LINEUP
(Continued)
Parameter
Part number
MB90F474L
MB90F474H
MB90473
MB90474
ROM capacity
FLASH 256 KB
FLASH 256 KB
MASKROM
128 KB
MASKROM
256 KB
RAM capacity
16 KB
16 KB
10 KB
16 KB
CPU functions
Basic instructions
Instruction bit length
Instruction length
Data bit length
Minimum instruction execution time
: 351
: 8-bit, 16-bit
: 1 byte to 7 bytes
: 1-bit, 8-bit, 16-bit
: 62.5 ns (with 16 MHz machine clock)
Ports
General purpose input/output ports : 84 Max
General purpose input/output ports (CMOS output)
General purpose input/output ports (built-in pull-up resistance)
General purpose input/output ports (N-ch open drain)
UART
Stop-start synchronized : 1 channel
8/16-bit PPG timer
8-bit 6-channel/16-bit 3-channel
8/16-bit up-down counter/timer
Two 8-bit up-down counters with 6 event input pins
Two 8-bit reload/compare registers
16-bit
input/
out-
put
timers
16-bit free-run timer
Channel : 1
Overflow interrupt
Output compare (OCU)
Channels : 6
Pin input source : from compare register match signal
Input capture (ICU)
Channels : 2
Register rewritten from pin input (rising/falling/both edges)
DTP/external interrupt circuit
External interrupt pins : 8 channels (set to edge or level correlation)
I/O expansion serial interface
2-channel, built-in
I2C interface
1-channel, built-in
Time base timer
18-bit counter
Interrupt cycle : 1.0 ms, 4.1 ms, 16.4 ms, 131.1 ms
(minimum times, at base oscillator frequency 4 MHz)
A/D converter
Conversion accuracy : 8/10-bit switchable
Single conversion mode (converts selected channel 1 time only)
Scan conversion mode
(converts multiple consecutive channels, programmable up to 8 channels)
Continuous conversion mode (converts selected channels continuously)
Stop conversion mode (converts selected channel, stops and repeats)
Watchdog timer
Reset interval : 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(minimum times, at base oscillator frequency 4 MHz)
Low power (standby) modes
Sleep, stop, CPU intermittent, watch mode
Process
CMOS
Notes
Flash model, low
voltage version
(f
= 10 MHz or
less at VCC
= 2.4 V)
Flash model, high
voltage version
(f
= 20 MHz)
Mask version
Mask version
Emulator dedicated power supply




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com