Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 42 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 42 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 38Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 39Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 40Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 41Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 42Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 43Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 44Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 45Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 46Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
MB90470 Series
42
(1) Register List
PPGC0 (PPG0/2/4 operating mode control register)
PPGC1 (PPG1/3/5 operating mode control register)
PPG01/PPG23/PPG45 (PPG0-PPG5 output control register)
PPLL0 to PPLL5 (Reload register L)
PPLH0 to PPLH5 (Reload register H)
00003AH
00003CH
00003EH
Read/write
Default value
00003BH
00003DH
00003FH
Read/write
Default value
000040H
000042H
000044H
Read/write
Default value
00002EH
000030H
000032H
000034H
000036H
000038H
Read/write
Default value
00002FH
000031H
000033H
000035H
000037H
000039H
Read/write
Default value
(
 )
( X )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(
 )
( X )
(
 )
( X )
(
 )
( 1 )
76
5
4
3
2
1
0
(R/W)
( 0 )
PEN0
PE00
PIE0
PUF0
Reserved

(
 )
( X )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(
 )
( 1 )
15
14
13
12
11
10
9
8
(R/W)
( 0 )
PEN1
PE10
PIE1
PUF1
MD1
MD0
Reserved
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
76
5
4
3
2
1
0
PCS1
(R/W)
( 0 )
PCS2
PCS0
PCM2
PCM1
PCM0
Reserved Reserved
(R/W)
( X )
(R/W)
( X )
(R/W)
( X )
(R/W)
( X )
(R/W)
( X )
(R/W)
( X )
(R/W)
( X )
76
5
4
3
2
1
0
D06
(R/W)
( X )
D07
D05
D04
D03
D02
D01
D00
(R/W)
( X )
(R/W)
( X )
(R/W)
( X )
(R/W)
( X )
(R/W)
( X )
(R/W)
( X )
(R/W)
( X )
15
14
13
12
11
10
9
8
D14
(R/W)
( X )
D15
D13
D12
D11
D10
D09
D08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com