Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 55 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 55 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 51Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 52Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 53Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 54Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 55Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 56Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 57Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 58Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 59Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 118 page
background image
MB90470 Series
55
(3) Input Capture
The input capture module detects the rising edge, falling edge, or both edges of an input signal and saves the
value of the 1-bit free-run timer at that moment in a register. This module can also generate an interrupt when
an edge is detected.
The input capture module is composed of input capture registers and a control register. Each of the input captures
has a corresponding external input pin.
• Selection of three valid edges for external input :
Rising edge/falling edge/both edges
• An interrupt can be generated when the valid edge is detected.
• Register List
• Block Diagram
Input capture data registers (IPCP0, IPCP1)
Control status register (ICS0, ICS1)
Default value
00005DH
00005FH
XXXXXXXXB
Default value
00005CH
00005EH
XXXXXXXXB
Default value
000060H
00000000B
15
14
13
12
11
10
9
8
( R )
( R )
( R )
( R )
( R )
( R )
( R )
( R )
CP14
CP15
CP13
CP12
CP11
CP10
CP09
CP08
76
5
4
3
2
1
0
( R )
( R )
( R )
( R )
( R )
( R )
( R )
( R )
CP06
CP07
CP05
CP04
CP03
CP02
CP01
CP00
76
5
4
3
2
1
0
(R/W)(R/W)(R/W)(R/W)(R/W)(R/W)(R/W)(R/W)
ICP0
ICP1
ICE1
ICE0
EG11
EG10
EG01
EG00
IN0
EG11 EG10 EG01 EG00
ICP1
ICP0
ICE1
ICE0
IN1
Capture data register 0
Capture data register 1
Edge detection
Edge detection
16-bit timer counter value (T15 to T00)
Interrupt
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com