Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB90F474LPF Datasheet HTML 1Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 2Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 3Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 4Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 5Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 6Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 7Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 8Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
MB90470 Series
3
(Continued)
• 16-bit reload timer
1 channel (8-bit
× 2-channel, 16-bit × 1-channel mode switching function provided)
• 16-bit input-output timer
2-channel input capture, 6-channel output compare, 1-channel free run timer
• 2 built-in clock generator systems
• Low power modes
Stop, sleep, CPU intermittent mode, watch mode, etc.
• Package options
QFP100/LQFP100
• Process
CMOS technology
• Supply voltage
Can operate on 3 V single supply systems (with 5 V interface provided by some pins with 3/5 V dual-supply
capability)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com