Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 82 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 82 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 78Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 79Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 80Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 81Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 82Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 83Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 84Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 85Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 86Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 118 page
background image
MB90470 Series
82
s ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
(VSS
= AVSS = 0.0 V)
*1: AVCC and AVRH must not exceed VCC3. Also, AVRH must not exceed AVCC ,too.
*2: VI, and VO must not exceed VCC (including VCC3, VCC5) plus 0.3 V.
*3: Maximum output current is defined as the peak value at one corresponding pin.
*4: Average output current is defined as the average current flowing through one corresponding pin in an interval
of 100 ms.
*5: Average total output current is defined as the total average current flowing through all corresponding pins in an
interval of 100 ms.
*6:
• Applicable to pins: General purpose CMOS input port (P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P70 to P77, P80 to P87, P90 to P97, PA0 to PA3)
• Use within recommended operating conditions.
• Use at DC voltage (current)
• The +B signal should always be applied a limiting resistance placed between the +B signal and the
microcontroller.
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Supply voltage
VCC3VSS
− 0.3
VSS
+ 4.0
V
VCC5VSS
− 0.3
VSS
+ 7.0
V
AVCC
VSS
− 0.3
VSS
+ 4.0
V
*1
AVRH
VSS
− 0.3
VSS
+ 4.0
V
Input voltage
VI
VSS
− 0.3
VSS
+ 4.0
V
*2
VSS
− 0.3
VSS
+ 7.0
V
*2
Output voltage
VO
VSS
− 0.3
VSS
+ 4.0
V
*2
VSS
− 0.3
VSS
+ 7.0
V
*2
Maximum clamp current
ICLAMP
− 2.0
+ 2.0
mA
*6
Total maximum clump current
Σ| ICLAMP |
20
mA
*6
“L” level maximum output current
IOL
10
mA
*3
“L” level average output current
IOLAV
3mA
*4
“L” level maximum total output current
ΣIOL
60
mA
“L” level average total output current
ΣIOLAV
30
mA
*5
“H” level maximum output current
IOH
− 10
mA
*3
“H” level average output current
IOHAV
− 3mA
*4
“H” level maximum total output current
ΣIOH
− 60
mA
“H” level average total output current
ΣIOHAV
−30
mA
*5
Power consumption
PD
410
mW
Operating temperature
TA
− 40
+ 85
°C
Storage temperature
Tstg
− 55
+ 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com