Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 45 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 45 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 41Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 42Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 43Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 44Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 45Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 46Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 47Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 48Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 49Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 118 page
background image
MB90470 Series
45
6.
8/16-bit Up-down Counter/Timer
This block is an up-down counter/timer configured with six event input pins, two 8-bit up/down counters, two
8-bit reload/compare registers, and related control circuits.
(1) Principal functions
• 8-bit count registers for counting in the range 0 to 256.
(Also operates in 16-bit
× 1 mode for counting in the range 0 to 65535.)
• Count clock selection provides four count modes.
• In timer mode, there is a choice of two internal count clocks.
• In up/down count mode, there is a choice of external pin input signal detection edge.
• In phase differential count mode, to provide counts for encoders for motors, etc., the A phase, B phase, and
Z phase of the encoder can be input separately for highly precise counts of rotation angle, rotary speed, etc.
• The ZIN pin provides a choice of two functions.
• Compare and reload functions are provided, each available independently or in combination. Both can be
started together to provide any desired type of up/down count.
• Individually controllable interrupts at compare, reload (underflow) and overflow events.
• Count direction flag enables detection of immediately preceding count direction.
• Interrupt generation at change of count direction.
Count mode
Time mode
Up/down count mode
Phase differential count mode (2
× )
Phase differential count mode (8
× )
Count clock
125 ns (8 MHz : divided by 2)
(16 MHz operation)
0.5
µs (2 MHz : divided by 8)
Detection edge
Falling edge detection
Rising edge detection
Falling/rising edge, both edges’ detection
Edge detection disabled
ZIN pin
Counter clear function
Gate function
Compare/reload function
Compare function (outputs interrupt at compare events)
Compare function (outputs interrupt and clears count at compare events)
Reload function (outputs interrupt and reloads at underflow events)
Compare/reload function
(outputs interrupt and clears count at compare events, outputs interrupt
and reloads at underflow events)
Compare/reload disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com