Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 22Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 23Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 24Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 25Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 26Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 27Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 28Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 29Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 118 page
background image
MB90470 Series
26
(Continued)
Address
Register name
Symbol
Access
Resource name
Default
86H
PWC2 division ratio register
DIVR2
R/W
PWC (ch2)
- - - - - - 0 0
87H
Reserved
88H
I2C bus status register
IBSR
R
I2C functions
0 0 0 0 0 0 0 0
89H
I2C bus control register
IBCR
R/W
0 0 0 0 0 0 0 0
8AH
I2C bus clock select register
ICCR
R/W
- - 0XXXXX
8BH
I2C bus address register
IADR
R/W
- XXXXXXX
8CH
I2C bus data register
IDAR
R/W
XXXXXXXX
8DH
Reserved
8EH
µPG control register
PGCSR
R/W
µPG
0 0 0 0 0 - - -
8FH to 9BH
Prohibited
9CH
µDMA status register
DSRL
R/W
µDMA
0 0 0 0 0 0 0 0
9DH
µDMA status register
DSRH
R/W
µDMA
0 0 0 0 0 0 0 0
9EH
Program address detection control
status resister
PACSR
R/W
Address Match
Detection Function
0 0 0 0 0 0 0 0
9FH
Delay interrupt source generate/
release register
DIRR
R/W
Delay interrupt
generator module
- - - - - - - - 0
A0H
Low power mode register
LPMCR
R/W
Low power modes
0 0 0 1 1 0 0 0
A1H
Clock select register
CKSCR
R/W
Low power modes
1 1 1 1 1 1 0 0
A2H, A3H
Reserved
A4H
µDMA stop status register
DSSR
R/W
µDMA
0 0 0 0 0 0 0 0
A5H
Auto ready function select register
ARSR
W
External pins
0 0 1 1 - - 0 0
A6H
External address output control
register
HACR
W
External pins
0 0 0 0 0 0 0 0
A7H
Bus control signal control register
EPCR
W
External pins
1 0 0 0 * 1 0 -
A8H
Watchdog control register
WDTC
R/W
Watchdog timer
XXXXX 1 1 1
A9H
Time base timer control register
TBTC
R/W
Time base timer
1 X X 0 0 1 0 0
AAH
Watch timer control register
WTC
R/W
Watch timer
1 0 0 0 1 0 0 0
ABH
Reserved
ACH
µDMA control register
DERL
R/W
µDMA
0 0 0 0 0 0 0 0
ADH
µDMA control register
DERH
R/W
µDMA
0 0 0 0 0 0 0 0
AEH
Flash memory control status register
FMCR
R/W
Flash memory
interface
0 0 0 X 0 0 0 0
AFH
Prohibited
B0H
Interrupt control register 00
ICR00
R/W
XXXX 0 1 1 1
B1H
Interrupt control register 01
ICR01
R/W
XXXX 0 1 1 1
B2H
Interrupt control register 02
ICR02
R/W
XXXX 0 1 1 1
B3H
Interrupt control register 03
ICR03
R/W
XXXX 0 1 1 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com