Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 28Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 29Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 30Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 31Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 32Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 33Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 34Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 35Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
MB90470 Series
32
(2) Port Direction Registers
• When a pin is functioning as a port, the corresponding pin control setting is as follows :
0 : Input mode
1 : Output mode
The register value is “0” at reset.
• Port 76, 77
These ports do not have DDR registers. Data at these pins is always valid, so that when P76, P77 are used
as I2C pins the PDR value should be “1”. (The I2C functions should be stopped, when these pins are used as
P76,P77 .)
These ports have open drain configuration. If they are used as input ports, the output transistor is turned off,
so that the output data register must be set to “1” and pull-up resistance applied.
Note : If these registers are accessed using read-modify-write instructions (such as bit set instructions) ,the bit that
is the object of the instruction will be set to the specified value but for other bits the value of the corresponding
output register will be rewritten to the input value of the pin at that time. For this reason when a pin used for
input is switched to output, first write the desired value to the PDR register, then set the DDR register to
switch the pin direction.
DDR0
Default value
Access
Address : 000010H
00000000
R/W
DDR1
Address : 000011H
00000000
R/W
DDR2
Address : 000012H
00000000
R/W
DDR3
Address : 000013H
00000000
R/W
DDR4
Address : 000014H
00000000
R/W
DDR5
Address : 000015H
00000000
R/W
DDR6
Address : 000016H
00000000
R/W
DDR7
Address : 000017H
00000000
R/W
DDR8
Address : 000018H
00000000
R/W
DDR9
Address : 000019H
00000000
R/W
DDRA
Address : 00001AH
- - - - 0000
R/W
76
5
4
3
2
1
0
D06
D07
D05
D04
D03
D02
D01
D 00
76
5
4
3
2
1
0
D16
D17
D15
D14
D13
D12
D11
D10
76
5
4
3
2
1
0
D26
D27
D25
D24
D23
D22
D21
D20
76
5
4
3
2
1
0
D36
D37
D35
D34
D33
D32
D31
D30
76
5
4
3
2
1
0
D46
D47
D45
D44
D43
D42
D41
D40
76
5
4
3
2
1
0
D56
D57
D55
D54
D53
D52
D51
D50
76
5
4
3
2
1
0
D66
D67
D65
D64
D63
D62
D61
D60
76
5
4
3
2
1
0
D75
D74
D73
D72
D71
D70
76
5
4
3
2
1
0
D86
D87
D85
D84
D83
D82
D81
D80
76
5
4
3
2
1
0
D96
D97
D95
D94
D93
D92
D91
D90
76
5
4
3
2
1
0

DA3
DA2
DA1
DA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com