Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 26Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 27Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 28Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 29Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 30Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 31Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 32Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 33Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 118 page
background image
MB90470 Series
30
(Continued)
: Interrupt request flag cleared by the interrupt clear signal. The stop request is available.
: Interrupt request flag cleared by the interrupt clear signal.
× : Interrupt request flag not cleared by the interrupt clear signal.
* : Note that flash write/erase cannot be used at the same time as the time base timer or watch timer.
Note :
• If two or more interrupt sources have the same interrupt number, the resource will clear both interrupt
request flags at the EI2OS/DMAC interrupt clear signal. Thus when EI2OS/
µDMA function of two sources
is used, the other interrupt function cannot be used. The interrupt request enable bit of the corresponding
resource should be set to “0” for software polling processing.
• Maximum assured operation frequency of µDMA is 16 MHz.
Interrupt source
EI2OS
support
µµµµDMA
channel no.
Interrupt vector
Interrupt control
register
No.
Address
No.
Address
SIO1
13
#37
FFFF68H
ICR13
0000BDH
SIO2
14
#38
FFFF64H
I2C interface
××
#39
FFFF60H
ICR14
0000BEH
A/D
15
#40
FFFF5CH
Flash write/erase, time base timer,
watch timer*
××
#41
FFFF58H
ICR15
0000BFH
Delay interrupt generator module
××
#42
FFFF54H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com