Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 73 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 73 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 69Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 70Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 71Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 72Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 73Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 74Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 75Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 76Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 77Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 118 page
background image
MB90470 Series
73
18. Overview of the Chip Select Function
This module issues chip select signals in order to facilitate connection to external memory. There are four chip
select output pins, with hardware areas set using a register for each output, so that the select signal is output
from the related pin whenever access to an external address is detected.
• Features of the chip select function
The chip select function has two 8-bit registers for settings for each of the four output pins. One register (CARx)
is used to specify the upper 8 bits of the address for match detection, thereby providing memory area detection
in 64 KB units. The other register (CMRx) can be set to detect areas larger than 64 KB by masking bits in the
match detection value.
Note that the CS output is set to high impedance during a bus hold condition.
(1) Register List
Chip select area MASK register (CMRx)
Chip select area register (CARx)
Chip select control register (CSCR)
Chip selector active level register (CALR)
0000C0H
0000C2H
0000C4H
0000C6H
Read/write
Default value
0000C1H
0000C3H
0000C5H
0000C7H
Read/write
Default value
0000C8H
Read/write
Default value
0000C9H
Default value
CMR1
CMR0
CAR0
(R/W)
(R/W)
CAR1
15
0
CMR3
CMR2
CAR2
(R/W)
(R/W)
CAR3
CSCR
(R/W)
CALR
(R/W)
87
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 1 )
(R/W)
( 1 )
(R/W)
( 1)
(R/W)
( 1 )
76
5
4
3
2
1
0
M6
(R/W)
( 0 )
M7
M5
M4
M3
M2
M1
M0
(R/W)
( 1 )
(R/W)
( 1 )
(R/W)
( 1 )
(R/W)
( 1 )
(R/W)
( 1 )
(R/W)
( 1 )
(R/W)
( 1 )
15
14
13
12
11
10
9
8
A6
(R/W)
( 1 )
A7
A5
A4
A3
A2
A1
A0
(
 )
(
 )
(
 )
(
 )
(
 )
(
 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
(
∗ )
76
5
4
3
2
1
0
(
 )
(
 )

OPL3
OPL2
OPL1
OPL0
(
 )
(
 )
(
 )
(
 )
(
 )
(
 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
(R/W)
( 0 )
15
14
13
12
11
10
9
8
(
 )
(
 )

ACTL3
ACTL2
ACTL1
ACTL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com