Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 80 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 80 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 76Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 77Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 78Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 79Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 80Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 81Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 82Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 83Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 84Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 118 page
background image
MB90470 Series
80
23. Address Match Detection Function
When the address is equal to a value set in the address detection register, the instruction code loaded into the
CPU is replaced forcibly with the INT9 instruction code (01H). As a result, when the CPU executes a set
instruction, the INT9 instruction is executed. Processing by the INT#9 interrupt routine allows the program
patching function to be implemented.
Two address detection registers are supported. An interrupt enable bit is prepared for each register. If the value
set in the address detection register matches an address and if the interrupt enable bit is set at “1”, the instruction
code loaded into the CPU is replaced forcibly with the INT9 instruction code.
(1) Register Configuration
• Program address detection register 0 to 2 (PADR0)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Initial value
XXXXXXXX B
R/W :Readable and writable
X
:Undefined
RESV:Reserved bit
Address
PADR0 (Low order address): 001FF0H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Initial value
XXXXXXXX B
Address
PADR0 (Middle order address): 001FF1H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Initial value
XXXXXXXX B
Address
PADR0 (High order address): 001FF2H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Initial value
XXXXXXXX B
Address
PADR1 (Low order address): 001FF3H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Initial value
XXXXXXXX B
Address
PADR1 (Middle order address): 001FF4H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Initial value
XXXXXXXX B
Address
PADR1 (High order address): 001FF5H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Initial value
00000000 B
Address
00009EH
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Program address detection register 3 to 5 (PADR1)
• Program address detection control status register (PACSR)
RESV
RESV
RESV
RESV
AD1E
RESV
AD0E
RESV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com