Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 97 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 97 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 93Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 94Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 95Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 96Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 97Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 98Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 99Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 100Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 101Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
MB90470 Series
97
(7) Ready Input Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
Notes :
• If the RDY setup time is not sufficient, use the auto ready function.
• VCC = VCC3 = VCC5
• If input from the RDY pin, note that the AC ratings must be satisfied so that the chip will not drive recklessly.
Parameter
Symbol
Pin name
Condi-
tions
Value
Unit
Remarks
Min
Max
RDY setup time
tRYHS
RDY
45
ns
70
ns
fcp
= 8 MHz
RDY hold time
tRYHH
0
ns
tRYHH
2.4 V
2.4 V
0.2 VCC
0.2 VCC
0.8 VCC
0.8 VCC
CLK
ALE
RDY
wait not
applied
RDY
wait applied
(1 cycle)
RD/WR
tRYHS
tRYHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com