Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 17 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 17 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 13Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 14Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 15Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 16Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 17Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 18Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 19Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 20Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 118 page
background image
MB90470 Series
17
(6) Precautions for use of external oscillators (crystals)
The target value for the upper limit of oscillator (crystals) frequencies should be 20 MHz. Also, when operating
at internal frequencies of 16 MHz, the PLL multiplier should be used.
(7) Proper power-on/off sequence
The A/D converter power (AVCC, AVRH) and analog input (AN0 to AN7) must be turned on after the digital power
supply (VCC) is turned on. The A/D converter power (AVCC, AVRH) and analog input (AN0 to AN7) must be shut
off before the digital power supply (VCC) is shut off. Care should be taken that AVRH does not exceed AVCC. Even
when pins used as analog input pins are doubled as input ports, be sure that the input voltage does not exceed
AVCC.
Note : VCC
= VCC3 = VCC5
(8) Treatment of A/D converter power supply pins
Even if the A/D converter is not used, pins should be connected so that AVCC
= AVRH = VCC, and AVSS = VSS.
(9) Power-on procedures
In order to prevent abnormal operation of the internal built-in step-down circuits, voltage rise during power-on
should be attained within 50
µs (0.2 V to 2.7 V) .
(10) Stable power supply
Even within the operating range of the VCC supply voltage, rapid changes in supply voltage may cause abnormal
operation. As a basis for stable operation, it is recommended that voltage variation be restricted in order to limit
VCC ripple fluctuations (P-P values) to 10
% at commercial frequencies of 50 Hz to 60 Hz, and transient fluctuations
to 0.1 V/ms at instantaneous points such as power switching.
(11) Precautions for use of two power supplies
The MB90470 series usually uses the 3-V power supply as the main power source. With VCC3
= 3 V and
VCC5
= 5 V, however, it can interface with P20/A16 to P27/A23/PPG3, P30/A00/AIN0 to P37/A07/PWC1,
P40/A08/SIN2 to P47/A15/OUT5, P70/SIN0 to P77/SDA for the 5-V power supply separetely from the 3-V power
supply at all operation mode.
(Caution) The analog power supply for the A/D converter (AVCC, AVSS etc.) can only operate with the
3 V system.
(12) Crystal oscillator circuits during power-saving operation
When the power supply is lower than 2.0 V, the external crystal oscillator may not operate even when power is
on. For this reason, the use of an external clock signal is recommended.
(13) Caution : low-voltage flash models (2.4 V to 3.6 V/10 MHz) do not have security functions
(14) Treatment of unused input pins
N.C. (internally connected) pins should always be left open.
(15) When the dual-supply MB90470 series is used as a 1-supply device, use connections so that
X0A
==== VSS, and X1A ==== Open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com