Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 79 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 79 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 75Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 76Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 77Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 78Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 79Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 80Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 81Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 82Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 83Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
MB90470 Series
79
22. External Bus Pin Control Circuit
The external bus pin control circuit controls the external bus pins used to expand the CPU address/data bus
connections to external circuits.
(1) Register List
(2) Block Diagram
• Auto ready function select register (ARSR)
• External address output control register (HACR)
• Bus control signal select register (EPCR)
Initial value
Address : 0000A5H
0011- - 00B
Initial value
Address : 0000A6H
00000000B
Initial value
Address : 0000A7H
1000
∗10 -B
W
−
*
: Write only
: Not used
: May be either “1” or “0”
WW
W

WW
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
ICR0
W
ICR1
HMR1
HMR0

LMR1
LMR0
W
W
W
W
WWW
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
E22
W
E23
E21
E20
E19
E18
E17
E16
WW
W
W
W
W
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
RYE
W
CKE
HDE
ICBS
HMBS
WRE
LMBS
P3
P2
P1
P0
P0
P5
RB
P4
P5
Access control
Access control
Address control
Data control
P0 direction
P0 data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com