Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 6Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 7Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 8Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 9Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 10Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 11Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 12Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 13Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 118 page
background image
MB90470 Series
10
(Continued)
LQFP : FPT-100P-M05 package
QFP : FPT-100P-M06 package
Pin no.
Pin name
Circuit
type
Description
LQFP
QFP
18
20
P42
G
(CMOS/H)
General purpose input/output port.
A10
In non-multibus bus mode, this pin functions as an external
address pin.
SCK2
Single serial I/O clock input/output pin
19
20
21
22
P43, P44
F
(CMOS)
General purpose input/output ports.
A11, A12
In non-multibus bus mode, this pin functions as an external
address pin.
MT00, MT01
µPG input pins
22
24
P45
G
(CMOS/H)
General purpose input/output ports.
A13
In non-multibus bus mode, this pin functions as an external
address pin.
EXTC
µPG input pin
23
24
25
26
P46, P47
F
(CMOS)
General purpose input/output ports.
A14, A15
In non-multibus bus mode, this pin functions as an external
address pin.
OUT4/OUT5
Output compare event output pins
68
70
P50
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the ALE pin
ALE
In external bus mode, this pin functions as the address load
enable signal (ALE) pin
69
71
P51
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the RD pin.
RD
In external bus mode, this pin functions as the read strobe
output (RD) pin.
70
72
P52
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the WRL pin when the WRE bit in the EPCR
register is set to “1”.
WRL
In external bus mode, this pin functions as the lower data write
strobe output (WRL) pin. When the WRE bit in the EPCR
register is set to “0”,this pin functions as a general purpose
input/output port.
71
73
P53
D
(CMOS)
General purpose input/output port. In external bus mode with
16-bit bus width, this pin functions as the WRH pin when the
WRE bit in the EPCR register is set to “1”.
WRH
In external bus mode with 16-bit bus width, this pin functions
as the higher data write strobe output (WRH) pin. When the
WRE bit in the EPCR register is set to “0”,this pin functions as
a general purpose input/output port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com