Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 48 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 48 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 44Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 45Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 46Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 47Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 48Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 49Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 50Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 51Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 52Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 118 page
background image
MB90470 Series
48
7.
DTP/External Interrupts
The DTP (Data Transfer Peripheral) is a peripheral block that interfaces external peripherals to the F2MC-16L
CPU. The DTP receives DMA request from external peripherals and passes the requests to the F2MC-16L CPU
to activate the extended
µDMA or interrupt processing.
(1) Register Descriptions
(2) Block Diagram
Interrupt/DTP enable register (ENIR : Enable Interrupt Request Register)
Interrupt/DTP source register (EIRR : External Interrupt Request Register)
Request level setting register (ELVR : External Level Register)
ENIR
Default value
Address : 00000CH
00000000B
EIRR
Default value
Address : 00000DH
00000000B
(note that both
registers relate
to different
interrupts)
Default value
Address : 00000EH
00000000B
Default value
Address : 00000FH
00000000B
76
5
4
3
2
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EN6
EN7
EN5
EN4
EN3
EN2
EN1
EN0
15
14
13
12
11
10
9
8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ER6
ER7
ER5
ER4
ER3
ER2
ER1
ER0
76
5
4
3
2
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LA3
LB3
LB2
LA2
LB1
LA1
LB0
LA0
15
14
13
12
11
10
9
8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LA7
LB7
LB6
LA6
LB5
LA5
LB4
LA4
4
Interrupt/DTP enable register
Interrupt/DTP source register
Interrupt level setting register
F2MC-16 bus
4
4
8
4
Gate
Source F/F
Edge detection circuit
Request input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com