Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPF Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB90F474LPF Datasheet HTML 1Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 2Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 3Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 4Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 5Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 6Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 7Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 8Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 118 page
background image
MB90470 Series
2
s FEATURES
• Clocks
Minimum instruction execution time :
50.0 ns at 5 MHz base oscillation with 4
× multiplier (internal operation at 20 MHz/3.3 V ± 0.3 V)
62.5 ns at 4 MHz base oscillation with 4
× multiplier (internal operation at 16 MHz/3.0 V ± 0.3 V)
Uses PLL clock multiplier.
• Maximum memory size
16 Mbytes
• Instruction set optimized for control applications
Handles bit, byte, word, long-word data
23 standard addressing modes
32-bit accumulator for enhanced high-precision calculation
Signed multiply-divide and expanded RETI instructions
• Instruction system compatible with high-level language (C) multitasking
System stack pointer
Instruction set correlation and barrel shift instructions
• Non-multi bus or multi-bus compatible
• Program patch function (for two address pointers)
• Improved execution speed
4-byte queue
• Powerful interrupt functions
8 external interrupt functions with 8-level programmable priority
• Data transfer functions (
µµµµDMA or Extended intelligent I/O service)
16 channels maximum
µDMA maximum assured operation frequency : 16 MHz
Extended intelligent I/O service maximum assured operation frequency : 20 MHz
• Built-in ROM
Flash versions : 256 KB, Mask ROM versions : 128 KB/256 KB
• Built-in RAM
10 KB/16 KB
• General purpose ports
84 ports maximum
(includes 16 ports with input pull-up resistance setting, 14 ports with output open drain setting)
• A/D converter
RC sequential comparator type, 8 channels
10-bit resolution, conversion time 4.65
µs (at 20 MHz operation)
• I2C interface
1 channel
•
µµµµPG
1 channel
• UART
1 channel
• I/O expansion serial interface (SIO)
2 channels
• 8/16-bit up/down timer
1 channel
• 16-bit PWC
3 channels (including 2-channel input comparison function)
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com