Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 137 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 133Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 134Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 135Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 136Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 137Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 138Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 139Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 140Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 123
MC68HC05V7 Specification Rev. 1.0
15.6
MDLC PHYSICAL INTERFACE
All analog functions involved in transmitting and receiving from the J1850 bus are
performed by the Physical Interface. The Physical Interface serves to buffer the incoming
messages, wave-shape the messages being transmitted, and protect the MDLC from
transients occurring on the J1850 bus.
15.6.1
OUTLINE
The receiver analog comparator and transmitter drivers are included in the MDLC Physical
Interface and together are referred to as the "transceiver".
The transceiver provides a waveshaped 7V bus waveform in response to a timed logic
signal from the MUX Interface. The transceiver actively drives the bus high, and passively
lets an RC network pull the bus low. In order to achieve the 7V level necessary for the bus
signal, the transceiver uses a battery supply (VBATT) which is nominally 12V. The
transceiver also receives bus waveforms and provides the MUX Interface with unfiltered
input data
A low power mode of operation is automatically entered if the CPU executes a STOP or
WAIT instruction.
In the event that ground is lost, the transceiver senses this condition and releases the bus
by switching the LOAD pin to a high impedance instead of a low impedance to ground.The
transceiver also protects the MDLC by not passing on any standard disruptive or non-
disruptive signals seen on the bus to the rest of the MDLC.
The Physical Interface contains its own power-on reset circuit that is used to reset its
control circuitry whenever a power-on condition is detected.
Physical Interface
To CPU
Protocol Handler
MUX Interface
CPU Interface
Rx/Tx
Buffers
To J1850 Bus
MDLC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com