Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 140 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 136Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 137Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 138Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 139Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 140Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 141Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 142Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 143Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 126
MC68HC05V7 Specification Rev. 1.0
15.6.2
MUX INTERFACE SIGNALS
There are five signals which pass between the Physical Interface and the MUX Interface
section of the MDLC as shown in Figure 15-16:
MDLC Physical Interface Outline.
These signals are now described.
15.6.2.1
Sleep/Wake
This input signal is used to control the power consumption of the Physical Interface
transmitter.
When driven high by the MUX interface, the transmitter will enter a low power consumption
Sleep mode. This will happen whenever the CPU executes a STOP or WAIT instruction.
The transmitter is not capable of transmitting while it is in the Sleep mode.
When driven low by the MUX interface, the transmitter will ’wake-up’ and become capable
of transmitting messages. This will happen when the MDLC enters the Run mode.
15.6.2.2
Wake
This input signal is used to exit the low power consumption mode of the Physical Interface
transmitter.
The MUX interface will drive this signal high and then low to notify the transmitter to wake
up from Sleep mode.
This will happen whenever the transmitter is in the Sleep mode and a passive to active
transition occurs on the J1850 bus, causing the RxP signal to transition from low to high.
15.6.2.3
Prst
This is the reset signal input to the Physical Interface.
This signal is normally low and the MUX Interface will drive this signal high to reset the
Physical Interface control circuits.
15.6.2.4
Txp
This input signal represents the digital serial transmit data from the MUX Interface to the
Physical Interface.
When sending a passive phase, this signal will be driven low.
When sending an active phase, this signal will be driven high.
15.6.2.5
Rxp
This output signal represents the digital serial receive data from the Physical Interface to
the MUX Interface.
When receiving an active phase, this signal will be driven high.
When receiving a passive phase this signal will be driven low.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com