Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 141 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 141 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 137Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 138Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 139Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 140Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 141Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 142Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 143Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 144Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 145Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 170 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 127
MC68HC05V7 Specification Rev. 1.0
15.6.3
PINS
There are seven pins associated with the MDLC module. Figure 15-16:
MDLC Physical
Interface Outline gives an example mechanization. A brief description of each pin follows.
15.6.3.1
REXT1, REXT2
These are external biasing resistor tie points for transmitter waveshaping and they must be
referenced to the VDD pin through lines which are as low impedance and low noise as
possible to ensure consistent operation.
15.6.3.2
BUS
This is the half-duplex data line for J1850 communications.
15.6.3.3
LOAD
This is the switched ground connection for the J1850 bus, via an RC load.
15.6.3.4
VBATT
This is the source for battery voltage for the MDLC. This power supply pin must be
protected against transient and fault conditions.
To protect against loss of battery, a low voltage protect circuit within the transceiver
disables drive from the BUS pin to prevent erroneous messages from being transmitted.
Nominal trip points are VTIVB Volts on VBATT and VRIVD Volts on VCCA.
15.6.3.5
VCCA
This is the MDLC analog transceiver power supply input and is nominally 5V. This supply
must be kept as low impedance and low noise as possible. It may be supplied from a
different voltage regulator source than VDD.
Whenever the voltage on this pin rises from zero to its nominal operating value, the
Physical Interface detects this power-on condition and resets its control circuits. Also,
whenever the voltage on this pin falls below its minimum operating value, the MDLC analog
circuitry will return to its reset state.
15.6.3.6
VSSA2
This is the Physical Interface power supply ground. This supply must be kept as low
impedance and low noise as possible. It must be connected directly to the same grounding
point that the main MCU Vss uses.
15.6.3.7
Decoupling
Good supply decoupling, as close as possible to the supply pins, is absolutely essential to
guarantee correct operation, minimize RFI and maximize analog performance. MDLC and
non-MDLC supply lines should be kept separate to minimize interaction. Emphasis should
be placed on keeping supply and ground line impedances as low as possible, with
preference given to ground lines if some compromise is necessitated. Ground planes and
wide, short, PCB traces can help significantly here. Decoupling capacitors should be of low
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com