Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 150 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 150 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 146Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 147Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 148Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 149Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 150Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 151Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 152Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 153Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 154Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 170 page
background image
SECTION 16: INSTRUCTION SET
Page 136
MC68HC05V7 Specification Rev. 1.0
16.6.1
IMMEDIATE
In the immediate addressing mode, the operand is contained in the byte immediately
following the opcode. The immediate addressing mode is used to access constants that do
not change during program execution (for example, a constant used to initialize a loop
counter).
16.6.2
DIRECT
In the direct addressing mode, the effective address of the argument is contained in a single
byte following the opcode byte. Direct addressing allows the user to directly address the
lowest 256 bytes in memory with single 2-byte instructions.
16.6.3
EXTENDED
In the extended addressing mode, the effective address of the argument is contained in the
2 bytes following the opcode byte. Instructions with extended addressing mode are capable
of referencing arguments anywhere in memory with a single 3-byte instruction. When using
the Motorola assembler, the user need not specify whether an instruction uses direct or
extended addressing. The assembler automatically selects the shortest form of the
instruction.
16.6.4
RELATIVE
The relative addressing mode is only used in branch instructions. In relative addressing,
the contents of the 8-bit signed offset byte (which is the last byte of the instruction) is added
to the PC if, and only if, the branch conditions are true. Otherwise, control proceeds to the
next instruction. The span of relative addressing is from -128 to +127 from the address of
the next opcode. The programmer need not calculate the offset when using the Motorola
assembler, since it calculates the proper offset and checks to see that it is within the span
of the branch.
16.6.5
INDEXED, NO OFFSET
In the indexed, no offset addressing mode, the effective address of the argument is
contained in the 8-bit index register. This addressing mode can access the first 256
memory locations. These instructions are only 1 byte long. This mode is often used to move
a pointer through a table or to hold the address of a frequently referenced RAM or I/O
location.
16.6.6
INDEXED, 8-BIT OFFSET
In the indexed, 8-bit offset addressing mode, the effective address is the sum of the
contents of the unsigned 8-bit index register and the unsigned byte following the opcode.
The addressing mode is useful for selecting the Kth element in an element table. With this
2-byte instruction, K would typically be in X with the address of the beginning of the table
in the instruction. As such, tables may begin anywhere within the first 256 addressable
locations and could extend as far as location 510. $1FE is the highest location that can be
accessed in this way.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com