Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 153 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 153 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 149Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 150Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 151Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 152Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 153Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 154Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 155Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 156Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 157Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 170 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 139
MC68HC05V7 Specification Rev. 1.0
SECTION 17
ELECTRICAL SPECIFICATIONS
17.1
MAXIMUM RATINGS
(Voltages referenced to VSS)
This device contains circuitry to protect the inputs against damage due to high static
voltages or electric fields; however, it is advised that normal precautions be taken to avoid
application of any voltage higher than maximum-rated voltages to this high-impedance
circuit. For proper operation, it is recommended that VIN and VOUT be constrained to the
range VSS ≤ (VIN or VOUT) ≤ VDD. Reliability of operation is enhanced if unused inputs are
connected to an appropriate logic voltage level (for example, either VSS or VDD).
17.2
THERMAL CHARACTERISTICS
Storage Temperature Range
TSTG
-65 to +150
oC
XX=B for SDIP, XX=FN for PLCC, XX=FU for QFP
Supply Voltage
Unit
Value
Symbol
Rating
V
-0.5 to +42.0
VBATT
Input Voltage
VIN
V
Current Drain Per Pin Excluding VDD and VSS
25
mA
I
Operating Temperature Range
TL to TH
oC
TA
0 to +70
MC68HC05V7XX (Standard)
MC68HC05V7CXX (Extended)
-40 to +85
VSS -0.3 to VDD +0.3
Write/Erase Cycles (@ 10 ms write time & -40
°C, +25°C, +85°C)
10,000
cycles
Data Retention EEPROM
10
years
60
Thermal Resistance
SDIP (56 pin)
oC/W
Unit
Value
Symbol
Characteristic
θ
JA
50
PLCC (68 pin)
oC/W
θ
JA
85
QFP (64 pin)
oC/W
θ
JA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com