Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 155 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 155 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 151Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 152Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 153Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 154Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 155Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 156Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 157Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 158Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 159Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 170 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 141
MC68HC05V7 Specification Rev. 1.0
17.4
REGULATOR ELECTRICAL CHARACTERISTICS
(VBATT = 12 Vdc ±10%, VSS = 0 Vdc, TA = -40°C to +85°C, unless otherwise noted)
Notes: (All values shown reflect average measurements.)
1. Maximum voltage of 26.5V for 5 minutes only. If V
BATT exceeds VBATTMAX, V
DD may deviate from min/max limits.
2. Guaranteed by design. Not tested in productions tests.
3. This is the available current out of the VDD pin for off chip usage.
4. This transient may be disruptive but will not be destructive.
5. Total regulator load of 20mA. Lighter load currents result in lower VDIFF.
* max IDD of 20mA at VDD=3.5V.
Symbol
Characteristic
Min
Max
Units
V
16
VBATT
Input Voltage1
8
V
40
VBATTMAX
Maximum Input Voltage transient amplitude 2,4
26.5
mS
200
VBATTDUR
Maximum Input Voltage transient duration 2,4
--
uA
TBD
I
BIAS
Input Bias Current
TBD
uVrms
TBD
VN
Output Noise Voltage 2
-
dB
65
RR
Ripple Rejection Ratio 2
-
V
2.5
V
DIFF
Input - Output Differential Voltage5 VBATT to VDD with VBATT < min.
1.5*
mA
95
I
SHORT
Short Circuit Current Limit
75
mV/
°C
TBD
Tc
Temperature Coefficient 2
-
mA
20
IO
Output Current 3
-
V
5.25
VDD
Output Voltage
4.75
mV
50
V
LINEREG
Line regulation
-
mV
50
V
LOADREG
Load regulation at 20mA
-
NOTES:
1. All values shown reflect average measurements.
2. Typical values at midpoint of voltage range, 25
°C only.
3. Run (Operating) IDD, Wait IDD: Measured using external square wave clock source to OSC1 (fOSC = 4.2 MHz), all inputs
0.2 VDC from rail; no DC loads, less than 50 pF on all outputs, CL = 20 pF on OSC2.
4. Wait, Stop IDD: All ports configured as inputs, VIL = 0.2 Vdc, VIH = VDD-0.2 Vdc.
5. Stop IDD measured with OSC1 = VSS.
6. Wait IDD is affected linearly by the OSC2 capacitance.
7. Total
* Not Tested.
VDD slew rate rising *
0.1
—
S
VDDR
V/
µs
—
VDD slew rate falling*
0.05
—
S
VDDF
V/
µs
—
POR Reset Voltage *
100
—
V
POR
mV
—
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com