Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 151 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 147Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 148Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 149Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 150Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 151Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 152Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 153Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 154Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 155Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 170 page
background image
SECTION 16: INSTRUCTION SET
Page 137
MC68HC05V7 Specification Rev. 1.0
16.6.7
INDEXED, 16-BIT OFFSET
In the indexed, 16-bit offset addressing mode, the effective address is the sum of the
contents of the unsigned 8-bit index register and the two unsigned bytes following the
opcode. This address mode can be used in a manner similar to indexed, 8-bit offset except
that this 3-byte instruction allows tables to be anywhere in memory. As with direct and
extended addressing, the Motorola assembler determines the shortest form of indexed
addressing.
16.6.8
BIT SET/CLEAR
In the bit set/clear addressing mode, the bit to be set or cleared is part of the opcode, and
the byte following the opcode specifies the direct address of the byte in which the specified
bit is to be set or cleared. Any read/write register bit in the first 256 locations of memory,
including I/O, can be selectively set or cleared with a single 2-byte instruction.
16.6.9
BIT TEST AND BRANCH
The bit test and branch addressing mode is a combination of direct addressing and relative
addressing. The bit that is to be tested and its condition (set or clear), is included in the
opcode. The address of the byte to be tested is in the single byte immediately following the
opcode byte. The signed relative 8-bit offset in the third byte is added to the PC if the
specified bit is set or cleared in the specified memory location. This single 3-byte instruction
allows the program to branch based on the condition of any readable bit in the first 256
locations of memory. The span of branching is from -128 to +127 from the address of the
next opcode. The state of the tested bit is also transferred to the carry bit of the condition
code register.
16.6.10
INHERENT
In the inherent addressing mode, all the information necessary to execute the instruction is
contained in the opcode. Operations specifying only the index register and/or accumulator
as well as the control instructions with no other arguments are included in this mode. These
instructions are 1 byte long.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com