Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 165 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 165 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 161Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 162Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 163Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 164Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 165Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 166Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 167Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 168Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 169Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 170 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 151
MC68HC05V7 Specification Rev. 1.0
17.11
MDLC ELECTRICAL SPECIFICATIONS
17.11.1
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to VSSA2 unless otherwise indicated.)
17.11.2
OPERATING CONDITIONS
(Voltages referenced to VSSA2)
17.11.3
TRANSMITTER D.C. ELECTRICAL CHARACTERISTICS
(Total network Bus to Vssa2 resistance = 245Ω to 15kΩ,
VBATT = 9 to 16V, VCCA = 5.0V ±5%, VSSA2 = 0V, TA = -40°C to +8°C, unless otherwise noted)
Rating
Symbol
Min.
Typ.
Max.
Unit
Battery Voltage (VBATT)
VBATT
-0.3
12.0
16.0
V
Reference Supply Voltage (VCCA)
VCCA
-0.3
5.0
7.0
V
Bus Voltage (BUS)
VBUS
-2.0
0 to 7.0
18.0
V
Transient Voltage (VBATT, BUS, TBD max. time)
VTRAN
-2.0
—
+24.0
V
Bus Voltage with respect to VBATT
VBUS
--
--
10.0
V
Rating
Symbol
Min.
Typ.
Max.
Unit
Battery Voltage (VBATT) for proper MDLC operation
VBATT
9.0
12.0
16.0
V
Battery Supply Current (Run)
IBATT
—
5
50
mA
Battery Supply Current (Stop)
IBATT
—
5
50
µA
Reference Supply Voltage (VCCA)
VCCA
4.75
5.00
5.25
V
Reference Supply Current (Run)
ICCA
—
0.5
2
mA
Reference Supply Current (Stop)
ICCA
—
40
50
µA
Characteristic
Symbol
Min.
Max.
Unit
Output High Voltage (BUS)
VOH
6.25
8.0
V
Output Low Voltage (BUS)
VOL
0
1.5
V
Output Current (BUS, Loss of VBATT or VSSA2, VOUT = 0V, VIN = 0 to
8V)
IOUT
—
±1
mA
Output Current (BUS, Tx = passive, V
IN = 12V)
IOUT
—
-200
mA
Output Current (BUS, Tx = active, V
IN = 0V)
IOUT
—
200
mA
Low voltage inhibit of transmitter for VBATT
VTIVB
6.0
7.5
V
Low voltage inhibit of transmitter for VDD
VRIVD
4.5
4.75
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com