Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 166 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 166 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 162Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 163Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 164Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 165Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 166Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 167Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 168Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 169Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 170Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 166 / 170 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 152
MC68HC05V7 Specification Rev. 1.0
17.11.4
TRANSMITTER A.C. ELECTRICAL CHARACTERISTICS
(VBATT = 9 to 16V, VCCA = 5.0V ±5%, VSSA = 0V, TA = -40°C to +85∞∞°C, unless otherwise noted)
17.11.5
RECEIVER D.C. ELECTRICAL CHARACTERISTICS
(VBATT = 9 to 16V, VCCA = 5.0V ±5%, VSSA2 = 0 V, TA = -40°C to +85°C, unless otherwise noted)
17.11.6
TRANSMITTER VPW SYMBOL TIMINGS
(fMDLC = 1.048576 MHz, VBATT = 12V, VCCA = 5.0V, VSSA2 = 0V, TA = 25°C, unless otherwise noted)
Characteristic
Number
Symbol
Min.
Typ.
Max.
Unit
Transmitter Rise Time (REXT1 = 31.6k
Ω, REXT2 = 24.9kΩ)
1
tR
13.0
14.5
16.0
µs
Transmitter Fall Time (REXT1 = 31.6k
Ω, REXT2 = 24.9kΩ)
2
tF
13.0
14.5
16.0
µs
Characteristic
Symbol
Min.
Max.
Unit
Input High Voltage (BUS)
VIH
4.25
—
V
Input Low Voltage (BUS)
VIL
—
3.5
V
Input Current (BUS, Normal operation, Tx = passive, V
IN = 0 to 8V)
IIN
—
±10
µA
Characteristic
Number
Symbol
Min.
Typ.
Max.
Unit
Passive logic 0
10
Ttvp1
62.0
64.0
66.0
µs
Passive logic 1
11
Ttvp2
126.0
128.0
130.0
µs
Active logic 0
12
Ttva1
126.0
128.0
130.0
µs
Active logic 1
13
Ttva2
62.0
64.0
66.0
µs
Start of Frame (SOF)
14
Ttva3
198.0
200.0
202.0
µs
Figure 17-5:
Transmitter A.C. Electrical Characteristics
BUS
1
2
VOH
6.25 V
2 V
VOL
0 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com