Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05V7GRS/D Datasheet(PDF) 167 Page - NXP Semiconductors

Part # HC05V7GRS/D
Description  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D Datasheet(HTML) 167 Page - NXP Semiconductors

Back Button HC05V7GRS/D Datasheet HTML 162Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 163Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 164Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 165Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 166Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 167Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 168Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 169Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 170Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 167 / 170 page
background image
SECTION 17: ELECTRICAL SPECIFICATIONS
Page 153
MC68HC05V7 Specification Rev. 1.0
17.11.7
RECEIVER VPW SYMBOL TIMINGS
(fMDLC = 1.048576 MHz, VBATT =12V, VCCA = 5.0V, VSSA2 = 0 V, TA = 25°C, unless otherwise noted)
Note: The receiver symbol timing boundaries are subject to an uncertainty of
± 1 T
MDLC µs due to sampling considerations.
End of Data (EOD)
15
Ttvp3
198.0
200.0
202.0
µs
End of Frame
16
Ttv4
278.0
280.0
282.0
µs
Inter-Frame Separator (IFS)
17
Ttv6
298.0
300.0
302.0
µs
Characteristic
Number
Symbol
Min.
Typ.
Max.
Unit
Passive logic 0
10
Trvp1
34.0
64.0
96.0
µs
Passive logic 1
11
Trvp2
96.0
128.0
163.0
µs
Active logic 0
12
Trva1
96.0
128.0
163.0
µs
Active logic 1
13
Trva2
34.0
64.0
96.0
µs
Start of Frame (SOF)
14
Trva3
163.0
200.0
239.0
µs
End of Data (EOD)
15
Trvp3
163.0
200.0
239.0
µs
End of Frame
16
Trv4
239.0
280.0
320.0
µs
Break
18
Trv7
239.0
800.0
—
µs
Characteristic
Number
Symbol
Min.
Typ.
Max.
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com