Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 131 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 127Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 128Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 129Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 130Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 131Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 230 page
background image
Analog Subsystem
Voltage Measurement Methods
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Analog Subsystem
8.7.2 Ratiometric Voltage Readings
The ratiometric value of a voltage measurement can be calculated in
software by first taking a reference reading from a reference source and
then comparing subsequent unknown voltages to that reading as a
percentage of the reference value. The accuracy of ratiometric readings
will depend on the variety of sources, but will generally be better than for
absolute readings. Many of these error sources can be taken into
account using the features of the analog subsystem and appropriate
software as described in Table 8-7. As with absolute measurements,
most of the errors can be reduced by frequent comparisons to the
reference voltage, use of the inverted comparator inputs, and averaging
of multiple samples.
8.7.2.1 Internal Ratiometric Reference
If readings are to be ratiometric to VDD, the reference measurement
point can be internally selected. In this case the reference reading can
be taken by setting the VREF bit and clearing the MUX1:4 bits in the
AMUX register which connects the channel selection bus to the VDD pin.
In order to stay within the VMAX range the DHOLD bit should be used to
select the 1/2 divided input.
8.7.2.2 External Ratiometric Reference
If readings are to be ratiometric to some external source, the reference
measurement point can be connected to any one of the channel selected
pins from PB1–PB4. In this case, the reference reading can be taken by
setting the MUX bit in the AMUX which connects channel selection bus
to the pin connected to the external reference source. If the external
reference is greater than VDD –1.5 volts, then the DHOLD bit should be
used to select the 1/2 divided input.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com