Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 132 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 128Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 129Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 130Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 131Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
Table 8-7. Ratiometric Voltage Reading Errors
Error Source
Accuracy Improvements Possible
In Hardware
In Software
Change in reference
voltage
Not required for ratiometric
Compare unknown with recent
measurement from reference
Change in magnitude of
ramp current source
Not adjustable
Compare unknown with recent
measurement from reference
Non-linearity of ramp
current source vs. voltage
Not adjustable
Calibration and storage of voltages at
1/4, 1/2, 3/4, and FS
Change in magnitude of
ramp capacitor
Not required for ratiometric
Compare unknown with recent
measurement from reference
Frequency shift in internal
low-power oscillator
Not required for ratiometric
Compare unknown with recent
measurement from reference
Frequency shift in external
oscillator
Not required for ratiometric
Compare unknown with recent
measurement from reference
Sampling capacitor leakage Use faster conversion times
Compare unknown with recent
measurement from reference
Internal voltage divider ratio Not adjustable
Compare unknown with recent
measurement from reference
Input offset voltage of
comparator 2
Not adjustable
Sum two readings on reference or
unknown using INV and INV control bit
and divide by 2 (average of both)
Noise internal to MCU
Close decoupling at VDD and VSS pins
and reduce supply source impedance
Average multiple readings on both the
reference and the unknown voltage
Noise external to MCU
Close decoupling of power supply, low
source impedances, good board
layout, use of multi-layer board
Average multiple readings on both the
reference and the unknown voltage
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com