Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 134 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 130Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 131Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
8.8.2 Voltage Comparator 2
Voltage comparator 2 can be used as a simple comparator if its charge
current source and discharge device are disabled by clearing the ISEN
bit in the ACR. If the ISEN bit is set, the internal ramp discharge device
connected to PB0/AN0 may become active and try to pull down any
voltage source that may be connected to that pin. Also, since voltage
comparator 2 is always connected to two of the port B I/O pins, these
pins should be configured as inputs and have their software
programmable pulldowns disabled.
8.9 Current Source Features
The internal current source connected to the PB0/AN0 pin supplies
about 100
µA of current when the discharge device is disabled and the
current source is active. Therefore, this current source can be used in an
application if the ISEN enable bit is set to power up the current source
and by setting the A/D conversion method to manual mode 0 (ATD1 and
ATD2 cleared) and the charge current enabled (CHG set).
8.10 Internal Temperature Sensing Diode Features
An internal diode is forward biased to VSS and will have its voltage
change approximately 2 mV for each degree centigrade rise in the
temperature of the device. This temperature sensing diode is powered
up from a current source only during the time that the diode is selected.
When on, this current source adds about 30
µA to the I
DD current.
The temperature sensing diode can be selected by setting both the
HOLD and DHOLD bits in the AMUX register (see 8.3 Analog Multiplex
Register).
8.11 Sample and Hold
When using the internal sample capacitor to capture a voltage for later
conversion, the HOLD or DHOLD bit must be cleared first before
changing any channel selection. If both the HOLD (or DHOLD) bit and
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com