Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 136 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 136Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 137Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 138Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 139Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
be measured, but the logic state of the port B pins can be read from
location $0002.
8.14 Port B Pulldowns
All the port B pins have internal software programmable pulldown
devices available dependent on the state of the SWPDI bit in the mask
option register (MOR).
If the pulldowns are enabled, they will create an approximate 100
µA
load to any analog source connected to the pin. In some cases, the
analog source may be able to supply this current without causing any
error due to the analog source output impedance. Since this may not
always be true, it is therefore best to disable port B pulldowns on those
pins used for analog input sources.
8.15 Noise Sensitivity
In addition to the normal effects of electrical noise on the analog input
signal there can also be other noise related effects caused by the digital-
to-analog interface. Since there is only one VSS return for both the digital
and the analog subsystems on the device, currents in the digital section
may affect the analog ground reference within the device. This can add
voltage offsets to measured inputs or cause channel-to-channel
crosstalk.
In order to reduce the impact of these effects, there should be no
switching of heavy I/O currents to or from the device while there is a
critical analog conversion or voltage comparison in process. Limiting
switched I/O currents to 2–4 mA during these times is recommended.
A noise reduction benefit can be gained with 0.1
µF bypass capacitors
from each analog input (PB4:1) to the VSS pin. Also, try to keep all the
digital power supply or load currents from passing through any
conductors which are the return paths for an analog signal.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com