Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 11Page - NXP Semiconductors PCF2131 Datasheet HTML 12Page - NXP Semiconductors PCF2131 Datasheet HTML 13Page - NXP Semiconductors PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
7.3.1.1 Temperature measurement
The PCF2131 has a temperature sensor circuit used to perform temperature
compensation of the clock input to the RTC. The temperature is measured immediately
after power-on and then periodically with a period set by the temperature conversion
rate TCR[1:0] in the register CLKOUT_ctl. During the first approximately 60 s after start-
up the compensation will be inactive, after this period the temperature compensation is
active.
TCR[1:0]
Temperature measurement period
00
[1] 32 min
01
16 min
10
8 min
11
4 min
Table 17. Temperature measurement period
[1]
Default value.
7.3.2 OTP refresh
Each IC is calibrated during production and testing of the device. The calibration
parameters are stored on EPROM cells called One Time Programmable (OTP) cells. It is
recommended to process an OTP refresh once after the power is up and the oscillator is
operating stable. The OTP refresh takes less than 100 ms to complete.
To perform an OTP refresh, bit OTPR has to be cleared (set to logic 0) and then set to
logic 1 again.
When read OTPR bit, its state is:
"0" until the OTP read state machine completes copying of the eFuse data into the
shadow registers. This could be due to a POR event or to writing a 0 > 1 to the OTPR
register bit.
"1" when the OTP read state machine completes copying to the shadow registers from
the eFuse instances. During normal operation OTPR must be kept at 1 to prevent higher
power usage.
The OTP logic is not reset nor affected by the Software Reset. The OTPR functionality is
only reset by the initial digital POR.
During OTP refresh, VDD has to be above 1.8 V, the rising speed to 1.8 V needs to be
faster than 2 V/100 ms. After OTP refresh has finished, PCF2131 can operate with VDD
as low as 1.2 V.
7.3.3 Clock output
A programmable square wave is available at pin CLKOUT. Operation is controlled by the
COF[2:0] control bits in register CLKOUT_ctl. Frequencies of 32.768 kHz (default) down
to 1 Hz can be generated for use as system clock, microcontroller clock, charge pump
input, or for calibrating the oscillator at 25 °C to determine aging offset. The CLKOUT
output is not temperature compensated to prevent jitter due to digital compensation
method.
CLKOUT is a push-pull output and is enabled at power-on. When disabled, the output is
high-impedance.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
15 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com