Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors PCF2131 Datasheet HTML 24Page - NXP Semiconductors PCF2131 Datasheet HTML 25Page - NXP Semiconductors PCF2131 Datasheet HTML 26Page - NXP Semiconductors PCF2131 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
001aaj409
(1)
Vth(sw)bat
(= 2.5 V)
VSS
VBAT
VBAT
Vlow
(= 1.2 V)
VDD
Voper(int)
Voper(int)
Voper(int)
VDD
VDD
VBAT
VSS
(2)
OSF
battery discharge
VDD
1. Theoretical state of the signals since there is no power.
2. The oscillator stop flag (OSF), set logic 1, indicates that the oscillation has stopped and a
reset has occurred since the flag was last cleared (OSF set logic 0). In this case, the integrity
of the clock information is not guaranteed. The OSF flag is cleared by command.
Figure 8. Power failure event due to battery discharge: reset occurs
7.7 Power-On Reset function
The PCF2131 has a Power-On Reset (POR) and a Power-On Reset Override (PORO)
function implemented.
7.7.1 Power-On Reset (POR)
The POR is active whenever the oscillator is stopped. The oscillator is considered to be
stopped during the time between power-on and stable crystal resonance (see Figure 9).
This time may be in the range of 200 ms to 2 s depending on temperature and supply
voltage. Whenever an internal reset occurs, the oscillator stop flag is set (OSF set logic
1).
The OTP refresh (see Section 7.3.2) should ideally be executed as the first instruction
after start-up and also after a reset due to an oscillator stop.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
23 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com