Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 63Page - NXP Semiconductors PCF2131 Datasheet HTML 64Page - NXP Semiconductors PCF2131 Datasheet HTML 65Page - NXP Semiconductors PCF2131 Datasheet HTML 66Page - NXP Semiconductors PCF2131 Datasheet HTML 67Page - NXP Semiconductors PCF2131 Datasheet HTML 68Page - NXP Semiconductors PCF2131 Datasheet HTML 69Page - NXP Semiconductors PCF2131 Datasheet HTML 70Page - NXP Semiconductors PCF2131 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
All timing characteristics are valid within the operating supply voltage and ambient temperature range and reference to 30 %
and 70 % with an input voltage swing of VSS to VDD (see Figure 41).
Standard mode
Fast-mode (Fm)
Symbol
Parameter
Min
Max
Min
Max
Unit
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
µs
tHD;STA
hold time (repeated) START
condition
4.0
-
0.6
-
µs
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
µs
tr
rise time of both SDA and SCL
signals
[2][3][4] -
1 000
20 + 0.1Cb
300
ns
tf
fall time of both SDA and SCL
signals
[2][3][4] -
300
20 + 0.1Cb
300
ns
tVD;ACK
data valid acknowledge time
[5] -
3.45
-
0.9
µs
tVD;DAT
data valid time
[6] -
3.45
-
0.9
ns
tSP
pulse width of spikes that must
be suppressed by the input filter
[7] -
50
-
50
ns
Table 92. I2C-bus characteristics...continued
[1]
The minimum SCL clock frequency is limited by the bus time-out feature which resets the serial bus interface if either the SDA or SCL is held LOW for a
minimum of 25 ms. The bus time-out feature must be disabled for DC operation.
[2]
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to bridge the
undefined region of the falling edge of SCL.
[3]
Cb is the total capacitance of one bus line in pF.
[4]
The maximum tf for the SDA and SCL bus lines is 300 ns. The maximum fall time for the SDA output stage, tf is 250 ns. This allows series protection
resistors to be connected between the SDA/CE pin, the SCL pin, and the SDA/SCL bus lines without exceeding the maximum tf.
[5]
tVD;ACK is the time of the acknowledgment signal from SCL LOW to SDA (out) LOW.
[6]
tVD;DAT is the minimum time for valid SDA (out) data following SCL LOW.
[7]
Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
PROTOCOL
SCL
SDA
mbd820
BIT 0
LSB
(R/W)
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)
tSU;STA
tHD;STA
tSU;DAT
tHD;DAT
tVD;DAT
tSU;STO
tLOW
tHIGH
1 / fSCL
tBUF
tr
tf
Figure 41. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 %
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
67 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com