Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2131 Datasheet HTML 1Page - NXP Semiconductors PCF2131 Datasheet HTML 2Page - NXP Semiconductors PCF2131 Datasheet HTML 3Page - NXP Semiconductors PCF2131 Datasheet HTML 4Page - NXP Semiconductors PCF2131 Datasheet HTML 5Page - NXP Semiconductors PCF2131 Datasheet HTML 6Page - NXP Semiconductors PCF2131 Datasheet HTML 7Page - NXP Semiconductors PCF2131 Datasheet HTML 8Page - NXP Semiconductors PCF2131 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
3 Applications
• Electronic metering for electricity, water, and gas
• Precision timekeeping
• Access to accurate time of the day
• GPS equipment to reduce time to first fix
• Applications that require an accurate process timing
• Products with long automated unattended operation time
4 Ordering information
Package
Type number
Topside
marking
Name
Description
Version
PCF2131TF
F31
HLSON16
thermal enhanced low profile small outline; no leads, 16
terminals, 0.125 dimple wettable flank, 0.5 mm pitch,
4.5 mm x 3.5 mm x 1.45 mm body
SOT1992-1
Table 1. Ordering information
4.1 Ordering options
Product type
number
Orderable part
number
Package
Packing method
Minimum
Order
Quantity
Temperature
PCF2131TF
PCF2131TFY
HLSON16
REEL 13" Q1 DP
4000
Tamb = -40 °C to +85 °C
Table 2. Ordering options
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
2 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com