Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 42Page - NXP Semiconductors PCF2131 Datasheet HTML 43Page - NXP Semiconductors PCF2131 Datasheet HTML 44Page - NXP Semiconductors PCF2131 Datasheet HTML 45Page - NXP Semiconductors PCF2131 Datasheet HTML 46Page - NXP Semiconductors PCF2131 Datasheet HTML 47Page - NXP Semiconductors PCF2131 Datasheet HTML 48Page - NXP Semiconductors PCF2131 Datasheet HTML 49Page - NXP Semiconductors PCF2131 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Control_1. However, a minute interrupt enabled on top of a second interrupt cannot be
distinguishable since it occurs at the same time.
The minute/second flag MSF (register Control_2) is set logic 1 when either the seconds
or the minutes counter increments according to the enabled interrupt (see Table 79). The
MSF flag can be cleared by command.
MI
SI
Result on INTA/B
Result on MSF
0
0
no interrupt generated
MSF never set
1
0
an interrupt once per minute
MSF set when
minutes
counter increments
0
1
an interrupt once per second
MSF set when
seconds
counter increments
1
1
an interrupt once per second
MSF set when
seconds
counter increments
Table 79. Effect of bits MI and SI on pin INTA/B and bit MSF
When MSF is set logic 1:
• If TI_TP is logic 1, the interrupt is generated as a pulsed signal if not masked.
• If TI_TP is logic 0, the interrupt is permanently active signal that remains until MSF is
cleared.
aaa-041610
58
59
59
00
11
seconds counter
minutes counter
INTA/B when SI enabled
MSF when SI enabled
INTA/B when only MI enabled
MSF when only MI enabled
12
00
01
In this example, bit TI_TP is logic 1 and the MSF flag is not cleared after an interrupt.
Figure 18. INTA/B example for SI and MI when TI_TP is logic 1
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
46 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com