Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 61Page - NXP Semiconductors PCF2131 Datasheet HTML 62Page - NXP Semiconductors PCF2131 Datasheet HTML 63Page - NXP Semiconductors PCF2131 Datasheet HTML 64Page - NXP Semiconductors PCF2131 Datasheet HTML 65Page - NXP Semiconductors PCF2131 Datasheet HTML 66Page - NXP Semiconductors PCF2131 Datasheet HTML 67Page - NXP Semiconductors PCF2131 Datasheet HTML 68Page - NXP Semiconductors PCF2131 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
10 Dynamic characteristics
10.1 SPI-bus timing characteristics
VDD = 1.2 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +105 °C, unless otherwise specified. All timing values are valid within the
operating supply voltage at ambient temperature and referenced to VIL and VIH with an input voltage swing of VSS to VDD
(see Figure 40).
VDD = 1.2 V to 3.3 V
VDD = 3.3 V to
5.5 V
Symbol
Parameter
Conditions
Min
Max
Min
Max
Unit
Pin SCL
fclk(SCL)
SCL clock frequency
-
0.5
-
6.5
MHz
tclk(H)
clock HIGH time
1000
-
70
-
ns
tclk(L)
clock LOW time
1000
-
70
-
ns
tr
rise time
for SCL signal
-
100
-
100
ns
tf
fall time
for SCL signal
-
100
-
100
ns
Pin SDA/CE
tsu(CE_N)
CE_N set-up time
300
-
30
-
ns
th(CE_N)
CE_N hold time
325
-
25
-
ns
trec(CE_N) CE_N recovery time
1500
-
1500
-
ns
tw(CE_N)
CE_N pulse width
-
0.99
-
0.99
s
Pin SDI
tsu
set-up time
set-up time for SDI data
250
-
20
-
ns
th
hold time
hold time for SDI data
250
-
20
-
ns
Pin SDO
td(R)SDO
SDO read delay time CL = 50 pF
-
550
-
55
ns
tdis(SDO)
SDO disable time
[1] -
150
-
25
ns
Table 91. SPI-bus characteristics
[1]
No load value; bus is held up by bus capacitance; use RC time constant with application values.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
65 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com