Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 37Page - NXP Semiconductors PCF2131 Datasheet HTML 38Page - NXP Semiconductors PCF2131 Datasheet HTML 39Page - NXP Semiconductors PCF2131 Datasheet HTML 40Page - NXP Semiconductors PCF2131 Datasheet HTML 41Page - NXP Semiconductors PCF2131 Datasheet HTML 42Page - NXP Semiconductors PCF2131 Datasheet HTML 43Page - NXP Semiconductors PCF2131 Datasheet HTML 44Page - NXP Semiconductors PCF2131 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
7.12.2 Timestamp mode
The timestamp function has two different modes selected by the control bit TSM
(timestamp mode) in register Timestp_ctl:
• If TSM is logic 0 (default): in subsequent trigger events without clearing the timestamp
flags, the last timestamp event is stored
• If TSM is logic 1: in subsequent trigger events without clearing the timestamp flags, the
first timestamp event is stored
The timestamp function also depends on the control bit BTSE in register Control_3, see
Section 7.12.4.
7.12.3 Timestamp registers
7.12.3.1 Register Timestp_ctl1/2/3/4
Bits labeled as T are unused and return 0 when read
Bit
7
6
5
4
3
2
1
0
Symbol
TSM
TSOFF
T
SUBSEC_TIMESTP[4:0]
Reset
value
0
0
0
0
0
0
0
0
Table 64. Timestp_ctl1/2/3/4 - timestamp control register (address 14h/1Bh/22h/29h) bit allocation
Bits labeled as T are unused and return 0 when read
Bit
Symbol
Value
Description
0
in subsequent events without clearing the timestamp
flags, the last event is stored
7
TSM
1
in subsequent events without clearing the timestamp
flags, the first event is stored
0
timestamp function active
6
TSOFF
1
timestamp function disabled
5
-
-
unused
4 to 0
SUBSEC_TIMESTP[4:0]
1⁄16 second timestamp information coded in BCD
format when 100TH_S_DIS = ‘1’[1], 1⁄20 second
timestamp information coded in BCD format when
100TH_S_DIS = ‘0’;
Table 65. Timestp_ctl1/2/3/4 - timestamp control register (address 14h/1Bh/22h/29h) bit description
[1]
The time recorded in the time stamps, when in 100 Hz disable mode (1 Hz mode), will be at least two 16 Hz clocks behind the timestamp event and no
more than 3 clocks behind. If the exact time of the timestamp event is required then subtract 2 subseconds from the timestamp value and the result will
have -0 subseconds to +1 subseconds of uncertainty.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
41 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com