Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 56Page - NXP Semiconductors PCF2131 Datasheet HTML 57Page - NXP Semiconductors PCF2131 Datasheet HTML 58Page - NXP Semiconductors PCF2131 Datasheet HTML 59Page - NXP Semiconductors PCF2131 Datasheet HTML 60Page - NXP Semiconductors PCF2131 Datasheet HTML 61Page - NXP Semiconductors PCF2131 Datasheet HTML 62Page - NXP Semiconductors PCF2131 Datasheet HTML 63Page - NXP Semiconductors PCF2131 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
VDD = 1.2 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PWRMNG[2:0] = 000 (see Table 22);
COF[2:0] = 000 (see Table 18)
TC_DIS = 0 (see Table 5); 100TH_S_DIS = 0 (see Table 5)
VDD = 1.8 V, VBAT = 1.5 V
[5] -
640
945
nA
VDD = 3.3 V, VBAT = 3.3 V
[5] -
1060
1410
nA
VDD = 5.5 V, VBAT = 3.3 V
[5] -
1705
2190
nA
VBAT = 1.2 V, IBAT
[6] -
130
390
nA
VBAT = 3.3 V, IBAT
[6] -
145
390
nA
IDD
supply current [2]
VBAT = 5.5 V, IBAT
[6] -
210
500
nA
IL(bat)
battery leakage current
VDD is active supply;
VBAT = 3.0 V
-
0.1
-
nA
Power management
Vth(sw)bat
battery switch threshold
voltage
2.3
2.5
V
Vth(bat)low
low battery threshold
voltage
2.3
2.5
V
Inputs [7]
VI
input voltage
-0.5
-
VDD +
0.5
V
-
-
0.25VDD V
VIL
LOW-level input voltage
Tamb = -40 °C to +85 °C;
VDD > 2.0 V
-
-
0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
-
V
VI = VDD or VSS
-
0
-
µA
ILI
input leakage current
post ESD event
-1
-
+1
µA
Ci
input capacitance
[8] -
-
7
pF
Outputs
on pins INTA/B, referring to
external pull-up
-0.5
-
5.5
V
VO
output voltage
on pin BBS
[9]
1.2
-
5.5
V
VOH
HIGH output voltage
on pin SDO, CLKOUT at 1 mA
source current
0.8VDD
-
VDD
V
on pins CLKOUT, INTA/B and
SDO at 1 mA sink current
VSS
-
0.2VDD V
on pin SDA, VDD > 2.0 V,
3 mA sink current
-
-
0.4
V
VOL
LOW output voltage
on pin SDA, VDD < 2.0 V,
2 mA sink current
-
-
0.2VDD V
Table 89. Static characteristics...continued
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
60 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com