Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 55Page - NXP Semiconductors PCF2131 Datasheet HTML 56Page - NXP Semiconductors PCF2131 Datasheet HTML 57Page - NXP Semiconductors PCF2131 Datasheet HTML 58Page - NXP Semiconductors PCF2131 Datasheet HTML 59Page - NXP Semiconductors PCF2131 Datasheet HTML 60Page - NXP Semiconductors PCF2131 Datasheet HTML 61Page - NXP Semiconductors PCF2131 Datasheet HTML 62Page - NXP Semiconductors PCF2131 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
9 Static characteristics
VDD = 1.2 V to 5.5 V; VSS = 0 V; Tamb = -40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
[1] 1.2
-
5.5
V
VBAT
battery supply voltage
1.2
-
5.5
V
Vlow
low voltage
-
1.15
-
V
interface active; supplied by VDD
SPI-bus (fSCL = 6.5 MHz)
-
-
800
µA
I2C-bus (fSCL = 400 kHz)
-
-
200
µA
interface inactive (fSCL = 0 Hz) [3] ; TCR[1:0] = 00 (see Table 16)
PWRMNG[2:0] = 111 (see Table 22);
COF[2:0] = 111 (see Table 18)
TC_DIS = 1 (see Table 5); 100TH_S_DIS = 1 (see Table 5)
VDD = 1.2 V
-
88
400
nA
VDD = 3.3 V
-
64
350 [4]
nA
VDD = 5.5 V
-
71
450
nA
PWRMNG[2:0] = 111 (see Table 22);
COF[2:0] = 111 (see Table 18)
TC_DIS = 0 (see Table 5); 100TH_S_DIS = 1 (see Table 5)
VDD = 1.2 V
-
101
500
nA
VDD = 3.3 V
-
70
450
nA
VDD = 5.5 V
-
76
550
nA
PWRMNG[2:0] = 111 (see Table 22);
COF[2:0] = 000 (see Table 18)
TC_DIS = 0 (see Table 5); 100TH_S_DIS = 0 (see Table 5);
VDD = 1.2 V
[5] -
460
770
nA
VDD = 3.3 V
[5] -
1035
1365
nA
VDD = 5.5 V
[5] -
1670
2135
nA
PWRMNG[2:0] = 000 (see Table 22);
COF[2:0] = 111 (see Table 18)
TC_DIS = 0 (see Table 5); 100TH_S_DIS = 0 (see Table 5)
VDD = 1.8 V, VBAT = 1.5 V
-
118
500
nA
VDD = 3.3 V, VBAT = 3.3 V
-
104
500
nA
VDD = 5.5 V, VBAT = 3.3 V
-
107
550
nA
VBAT = 1.2 V, IBAT
[6] -
104
565
nA
VBAT = 3.3 V, IBAT:
[6] -
83
450
nA
IDD
supply current [2]
VBAT = 5.5 V, IBAT:
[6] -
91
625
nA
Table 89. Static characteristics
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
59 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com