Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 27Page - NXP Semiconductors PCF2131 Datasheet HTML 28Page - NXP Semiconductors PCF2131 Datasheet HTML 29Page - NXP Semiconductors PCF2131 Datasheet HTML 30Page - NXP Semiconductors PCF2131 Datasheet HTML 31Page - NXP Semiconductors PCF2131 Datasheet HTML 32Page - NXP Semiconductors PCF2131 Datasheet HTML 33Page - NXP Semiconductors PCF2131 Datasheet HTML 34Page - NXP Semiconductors PCF2131 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Upper-digit
(ten’s place)
Digit (unit place)
Month
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
May
0
0
1
0
1
June
0
0
1
1
0
July
0
0
1
1
1
August
0
1
0
0
0
September
0
1
0
0
1
October
1
0
0
0
0
November
1
0
0
0
1
December
1
0
0
1
0
Table 42. Month assignments in BCD format...continued
7.9.8 Register Years
Bits labeled as T are unused and return 0 when read
Bit
7
6
5
4
3
2
1
0
Symbol
YEARS (0 to 99)
Reset
value
0
0
0
0
0
0
0
1
Table 43. Years - years register (address 0Dh) bit allocation
Bits labeled as T are unused and return 0 when read
Bit
Symbol
Value
Place value Description
7 to 4
0 to 9
ten’s place
3 to 0
YEARS
0 to 9
unit place
actual year coded in BCD format
Table 44. Years - years register (address 0Dh) bit description
7.9.9 Setting and reading the time
Figure 13 shows the data flow and data dependencies starting from the 100 Hz/1 Hz
clock tick.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
31 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com