Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 38Page - NXP Semiconductors PCF2131 Datasheet HTML 39Page - NXP Semiconductors PCF2131 Datasheet HTML 40Page - NXP Semiconductors PCF2131 Datasheet HTML 41Page - NXP Semiconductors PCF2131 Datasheet HTML 42Page - NXP Semiconductors PCF2131 Datasheet HTML 43Page - NXP Semiconductors PCF2131 Datasheet HTML 44Page - NXP Semiconductors PCF2131 Datasheet HTML 45Page - NXP Semiconductors PCF2131 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
7.12.3.2 Register Sec_timestp
Bits labeled as T are unused and return 0 when read
Bit
7
6
5
4
3
2
1
0
Symbol
T
SECOND_TIMESTP (0 to 59)
Reset
value
0
0
0
0
0
0
0
0
Table 66. Sec_timestp1/2/3/4 - second timestamp register (address 15h/1Ch/23h/2Ah) bit allocation
Bits labeled as T are unused and return 0 when read
Bit
Symbol
Value
Place value Description
7
T
0
-
unused
6 to 4
0 to 5
ten’s place
3 to 0
SECOND_TIMESTP
0 to 9
unit place
second timestamp information coded in BCD format
Table 67. Sec_timestp1/2/3/4 - second timestamp register (address 15h/1Ch/23h/2Ah) bit description
7.12.3.3 Register Min_timestp
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
Symbol
T
MINUTE_TIMESTP (0 to 59)
Reset
value
0
0
0
0
0
0
0
0
Table 68. Min_timestp1/2/3/4 - minute timestamp register (address 16h/1Dh/24h/2Bh) bit allocation
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Place value Description
7
T
0
-
unused
6 to 4
0 to 5
ten’s place
3 to 0
MINUTE_TIMESTP
0 to 9
unit place
minute timestamp information coded in BCD format
Table 69. Min_timestp1/2/3/4 - minute timestamp register (address 16h/1Dh/24h/2Bh) bit description
7.12.3.4 Register Hour_timestp
Bits labeled as T are unused and return 0 when read.
Bit
7
6
5
4
3
2
1
0
AMPM
HOUR_TIMESTP (1 to 12) in 12-hour mode
Symbol
T
T
HOUR_TIMESTP (0 to 23) in 24-hour mode
Reset
value
0
0
0
0
0
0
0
0
Table 70. Hour_timestp1/2/3/4 - hour timestamp register (address 17h/1Eh/25h/2Ch) bit allocation
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
42 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com