Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 59Page - NXP Semiconductors PCF2131 Datasheet HTML 60Page - NXP Semiconductors PCF2131 Datasheet HTML 61Page - NXP Semiconductors PCF2131 Datasheet HTML 62Page - NXP Semiconductors PCF2131 Datasheet HTML 63Page - NXP Semiconductors PCF2131 Datasheet HTML 64Page - NXP Semiconductors PCF2131 Datasheet HTML 65Page - NXP Semiconductors PCF2131 Datasheet HTML 66Page - NXP Semiconductors PCF2131 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
aaa-042113
1
2
3
4
5
6
0
400
800
1200
1600
2000
VDD (V)
IDD
IDD
(nA)
(nA)
CLKOUT off
CLKOUT off
CLKOUT enabled at 32 kHz
CLKOUT enabled at 32 kHz
a. PWRMNG[2:0] = 111; TSOFF = 1; Tamb = 25 °C; TS input floating
aaa-042114
1
2
3
4
5
6
0
400
800
1200
1600
2000
VDD (V)
IDD
IDD
(nA)
(nA)
CLKOUT off
CLKOUT off
CLKOUT enabled at 32 kHz
CLKOUT enabled at 32 kHz
b. PWRMNG[2:0] = 000; TSOFF = 0; Tamb = 25 °C; TS input floating
Figure 38. IDD as a function of VDD
9.2 Frequency characteristics
VDD = 1.2 V to 5.5 V; VSS = 0 V; Tamb = +25 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fo
output frequency
on pin CLKOUT;
VDD = 3.3 V;
COF[2:0] = 000;
AO[3:0] = 1000
-
32.768
-
kHz
VDD or VBAT = 3.3 V, Tamb =
-40 °C to +85 °C
TC_DIS = 0
[1] [2] -8
±3
+8
ppm
Δf/f
time accuracy
TC_DIS = 1
[1] [2] -200
+4
ppm
Table 90. Frequency characteristics
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
63 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com