Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 14Page - NXP Semiconductors PCF2131 Datasheet HTML 15Page - NXP Semiconductors PCF2131 Datasheet HTML 16Page - NXP Semiconductors PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
PWRMNG[2:0]
Function
000
battery switch-over function is enabled in standard mode;
battery low detection function is enabled
001,010
battery switch-over function is enabled in standard mode;
battery low detection function is disabled
011
battery switch-over function is enabled in direct switching mode;
battery low detection function is enabled
100,101
battery switch-over function is enabled in direct switching mode;
battery low detection function is disabled
110,111
[1] [2] battery switch-over function is disabled, only one power supply
(VDD);
battery low detection function is disabled
Table 22. Power management control bit description
[1]
Default value.
[2]
When the battery switch-over function is disabled, the device works only with the power supply VDD. VBAT must be put to
ground and the battery low detection function is disabled.
7.5.1 Battery switch-over function
PCF2131 has a backup battery switch-over circuit which monitors the main power supply
VDD. When a power failure condition is detected, it automatically switches to the backup
battery.
One of two operation modes can be selected:
Standard mode - the power failure condition happens when:
VDD < VBAT AND VDD < Vth(sw)bat
Vth(sw)bat is the battery switch threshold voltage. Typical value is 2.5 V. The battery
switch-over in standard mode works only for VDD > 2.5 V. Applying back-up battery
voltage to VBAT without applying VDD supply will not power on the device; only when VDD
main power is supplied the device will start operating.
Direct switching mode - the power failure condition happens when VDD < VBAT. Direct
switching from VDD to VBAT without requiring VDD to drop below Vth(sw)bat
When a power failure condition occurs and the power supply switches to the battery, the
following sequence occurs:
1. The battery switch flag BF (register Control_3) is set to logic 1.
2. An interrupt is generated if the control bit BIE (register Control_3) is enabled (see
Section 7.13.6).
3. If the control bit BTSE (register Control_3) is logic 1, the timestamp 4 registers store
the time and date when the battery switch occurred (see Section 7.12.4).
4. The battery switch flag BF is cleared by command; it must be cleared to clear the
interrupt.
The interface and CLKOUT output are disabled in battery backup operation:
• Interface inputs are not recognized, preventing extraneous data being written to the
device
• Interface outputs are high-impedance
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
18 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com