Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 40Page - NXP Semiconductors PCF2131 Datasheet HTML 41Page - NXP Semiconductors PCF2131 Datasheet HTML 42Page - NXP Semiconductors PCF2131 Datasheet HTML 43Page - NXP Semiconductors PCF2131 Datasheet HTML 44Page - NXP Semiconductors PCF2131 Datasheet HTML 45Page - NXP Semiconductors PCF2131 Datasheet HTML 46Page - NXP Semiconductors PCF2131 Datasheet HTML 47Page - NXP Semiconductors PCF2131 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Place value Description
7 to 5
T
000
-
unused
4
0 to 1
ten’s place
3 to 0
MONTH_TIMESTP
0 to 9
unit place
month timestamp information coded in BCD format
Table 75. Mon_timestp1/2/3/4 - month timestamp register (address 19h/20h/27h/2Eh) bit description
7.12.3.7 Register Year_timestp
Bit
7
6
5
4
3
2
1
0
Symbol
YEAR_TIMESTP (0 to 99)
Reset
value
0
0
0
0
0
0
0
1
Table 76. Year_timestp1/2/3/4 - year timestamp register (address 1Ah/21h/28h/2Fh) bit allocation
Bit
Symbol
Value
Place value Description
7 to 4
0 to 9
ten’s place
3 to 0
YEAR_TIMESTP
0 to 9
unit place
year timestamp information coded in BCD format
Table 77. Year_timestp1/2/3/4 - year timestamp register (address 1Ah/21h/28h/2Fh) bit description
7.12.4 Dependency between Battery switch-over and timestamp
The timestamp function depends on the control bit BTSE in register Control_3:
BTSE
BF
Description
0
-
[1] the battery switch-over does not affect the
timestamp registers
If a battery switch-over event occurs:
0
[1]
the timestamp 4 group registers store the
time and date when the switch-over occurs;
after this event occurred BF is set logic 1
1
1
the timestamp 4 group registers are not
modified;
in this condition subsequent battery switch-
over events or falling edges on pin TS4 are
not registered
Table 78. Battery switch-over and timestamp
[1]
Default value.
7.13 Interrupt output, INTA/INTB
PCF2131 has two interrupt output pins INTA and INTB which are open-drain, active LOW
(requiring a pull-up resistor if used). Interrupts may be sourced from different places:
• second or minute timer
• watchdog timer
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
44 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com