Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 46Page - NXP Semiconductors PCF2131 Datasheet HTML 47Page - NXP Semiconductors PCF2131 Datasheet HTML 48Page - NXP Semiconductors PCF2131 Datasheet HTML 49Page - NXP Semiconductors PCF2131 Datasheet HTML 50Page - NXP Semiconductors PCF2131 Datasheet HTML 51Page - NXP Semiconductors PCF2131 Datasheet HTML 52Page - NXP Semiconductors PCF2131 Datasheet HTML 53Page - NXP Semiconductors PCF2131 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
7.14 External clock test mode
A test mode is available which allows on-board testing. In this mode, it is possible to set
up test conditions and control the operation of the RTC.
The test mode is entered by setting bits COF[2:0] logic 111 (register CLKOUT_ctl) and bit
EXT_TEST logic 1 (register Control_1). Then pin CLKOUT becomes an input. The test
mode replaces the internal clock signal (8192 Hz) with the signal applied to pin CLKOUT.
Every 8192 positive edges applied to pin CLKOUT generate an increment of one second.
The signal applied to pin CLKOUT should have a minimum pulse width of 300 ns and a
minimum period of 1 000 ns. The internal clock, now sourced from CLKOUT, is divided
down by a divider chain called prescaler. The prescaler can be set into a known state by
using bit STOP and CPR. When bit STOP and CPR are logic 1, the prescaler is reset to
0. STOP and CPR must be cleared before the prescaler can operate again.
From a stop condition, the first 1 second increment will take place after 8192 positive
edges on pin CLKOUT. Thereafter, every 8192 positive edges cause a 1 second
increment. In 100 Hz mode, the first 100th of a second increment will take place after
80 pulses on pin CLKOUT, and the first 1 second increment will take place after 8176
pulses on pin CLKOUT. Thereafter, every 8192 pulses cause a 1 second increment. The
100 Hz clock is generated from a dithered state machine which runs on the 256 Hz clock,
so the number of pulses for each subsequent 100ths change is not constant. After the
first 1 second increment the 25-bit dither pattern proceeds as follows from left to right:
1101010101101010110101010
Where 1 == 96 CLKOUT pulses, and 0 == 64 CLKOUT pulses. This pattern repeats
4 times every second.In the first second, after 80 clock pulses trigger the first
100th,the left pattern is 101010101101010110101010, 1101010101101010110101010,
1101010101101010110101010, 1101010101101010110101010, which means 96 pulses
for 100ths == 2, then 64 pulses for 100ths == 3, 96 for 100ths == 4, and so on.
Remark: Entry into test mode is not synchronized to the internal 8192 Hz clock. When
entering the test mode, no assumption as to the state of the prescaler can be made.
Operating example:
1. Set CLKOUT = high-Z (register CLKOUT_ctl, COF[2:0] = 111).
2. Set EXT_TEST test mode (register Control_1, EXT_TEST is logic 1).
3. Set bit STOP (register Control_1, STOP is logic 1).
4. Set bit CPR (register SR_RESET, CPR is logic 1).
5. Set time registers to desired value.
6. Clear STOP (register Control_1, STOP is logic 0).
7. Apply 8192 clock pulses to CLKOUT.
8. Read time registers to see the first change.
9. Apply 8192 clock pulses to CLKOUT.
10. Read time registers to see the second change.
Repeat 7 and 8 for additional increments.
Operating example (100 Hz mode):
1. Set CLKOUT = high-Z (register CLKOUT_ctl, COF[2:0] = 111.
2. Set EXT_TEST test mode (register Control_1, EXT_TEST is logic 1).
3. Set bit STOP (register Control_1, STOP is logic 1).
4. Set bit CPR (register SR_RESET, CPR is logic 1).
5. Set time registers to desired value.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
50 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com