Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 47Page - NXP Semiconductors PCF2131 Datasheet HTML 48Page - NXP Semiconductors PCF2131 Datasheet HTML 49Page - NXP Semiconductors PCF2131 Datasheet HTML 50Page - NXP Semiconductors PCF2131 Datasheet HTML 51Page - NXP Semiconductors PCF2131 Datasheet HTML 52Page - NXP Semiconductors PCF2131 Datasheet HTML 53Page - NXP Semiconductors PCF2131 Datasheet HTML 54Page - NXP Semiconductors PCF2131 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
6. Clear STOP (register Control_1, STOP is logic 0).
7. Apply 80 clock pulses to CLKOUT.
8. Read hundredths registers to see the first change.
9. Apply 8096 clock pulses to CLKOUT (8096 + 80 = 8176 total pulses).
10. Read seconds registers to see the first change.
11. Apply the number of pulses needed for the current dither value.
12. Read the hundredths register to see subsequent changes.
13. Read the seconds register every 8192 pulses to see subsequent changes.
7.15 STOP bit function
The STOP bit stops the time from counting in both RTC mode and external clock test
mode. STOP must be set to unlock the time and date registers to set the time.
aaa-041575
OSCILLATOR
OSCILLATOR STOP
DETECTOR
setting the OS flag
div 4
32768 Hz
8192 Hz
stop
PRESCALER
RESET
0
1
100 Hz tick
1 Hz tick
CPR
Figure 22. CPR and STOP bit functional diagram
The stop signal blocks the 8.192 kHz clock from generating system clocks and freezes
the time. In this state, the prescaler can be cleared with the CPR command in the Resets
register.
Remark: The CLKOUT output of clock frequencies is not affected.
The time circuits can then be set and do not increment until the STOP bit is released.
There is a slight chance that STOP is set during a carry over of multiple time registers,
which may have been executed incomplete. Therefore time must be set before clearing
STOP to maintain time integrity.
The stop acts on the 8.192 kHz signal. Because the I2C-bus or TS pin input is
asynchronous to the crystal oscillator, the accuracy of restarting the time circuits is
between zero and one 8.192 kHz cycle (see Figure 23).
aaa-004417
0 µs to 122 µs
8192 Hz
stop released
Figure 23. STOP release timing
The first increment of the time circuits is between 0 s and 122 µs after STOP is released.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
51 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com